Part Number Hot Search : 
PHE850 EA87FL30 2SC5964 FMMT723 NC7WZ08 2305318 0A60T WD1935A
Product Description
Full Text Search
 

To Download BY399 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY396 THRU BY399
FAST RECOVERY RECTIFIERS
Reverse Voltage - 100 to 800 Volts
DO-201AD
Forward Current - 3.0 Amperes
FEATURES
1.0 (25.4) MIN. 0.220(5.6) 0.197(5.0) DIA.
0.375(9.6) 0.285(7.2)
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Fast switching for high efficiency Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
MECHANICAL DATA
1.0 (25.4) MIN. 0.052(1.3) 0.048(1.2) DIA.
Dimensions in inches and (millimeters)
Case: DO-201AD molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.012 ounce, 1.10 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS
BY396
BY397
BY398
BY399
UNITS VOLTS VOLTS VOLTS Amps
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TA=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range
VRRM VRMS VDC I(AV)
100 70 100
200 140 200 3.0
400 280 400
800 560 800
IFSM VF IR trr CJ RqJA TJ,TSTG
200.0 1.3 10.0 100.0 500 60.0 20.0 -65 to +150
Amps Volts uA ns pF C/W C
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 3.Thermal resistance from junction to ambient at 0.375" (9.5mm)lead length,P.C.B. mounted
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES BY396 THRU BY399
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT, AMPERES
3.0
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
200
2.4
160
1.8
120
1.2
Single Phase Half Wave 60Hz Resistive or inductive Load
80
0.6
40
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0 0 25 50 75 100 125 150 175
0
1
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 1,000 10
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
INSTANTANEOUS FORWARD CURRENT,AMPERES
100
1
10
TJ=100 C 1
0.1
TJ=25 C PULSE WIDTH=300 ms 1%DUTY CYCLE
0.01 0.6 0.8 1.0 1.2 1.4 1.5
0.1 TJ=25 C
0.01
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
200 100
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
TRANSIENT THERMAL IMPEDANCE, C/W
100
JUNCTION CAPACITANCE, pF
10
TJ=25 C 10
1
0.1 0.01 0.1 1 10 100
1 0.1 1.0 10 100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of BY399

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X